Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9519BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9519BS
Description  4-channel level translating I2C-bus/SMBus repeater
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9519BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9519BS Datasheet HTML 5Page - NXP Semiconductors PCA9519BS Datasheet HTML 6Page - NXP Semiconductors PCA9519BS Datasheet HTML 7Page - NXP Semiconductors PCA9519BS Datasheet HTML 8Page - NXP Semiconductors PCA9519BS Datasheet HTML 9Page - NXP Semiconductors PCA9519BS Datasheet HTML 10Page - NXP Semiconductors PCA9519BS Datasheet HTML 11Page - NXP Semiconductors PCA9519BS Datasheet HTML 12Page - NXP Semiconductors PCA9519BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PCA9519_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Objective data sheet
Rev. 01 — 22 June 2006
9 of 17
Philips Semiconductors
PCA9519
4-channel level translating I2C-bus/SMBus repeater
10. Dynamic characteristics
[1]
Load capacitance = 50 pF; load resistance on port B = 1.35 k
Ω.
[2]
Value is determined by RC time constant of bus line.
Table 5.
Dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC(A) = 1.1 V; VCC(B) = 3.3 V
tPLH
LOW-to-HIGH propagation delay
port B to port A
[1] 69
109
216
ns
tPHL
HIGH-to-LOW propagation delay
port B to port A
[1] 63
86
140
ns
tTLH
LOW to HIGH output transition time
port A
[1] 14
22
96
ns
tTHL
HIGH to LOW output transition time
port A
[1] 5
8.1
16
ns
tPLH
LOW-to-HIGH propagation delay
port A to port B
[1]
−69
−91
−139 ns
tPLH2
LOW to HIGH propagation delay 2
port A to port B; measured from
the 50 % of initial LOW on port A to
1.5 V rising on port B
[1] 91
153
226
ns
tPHL
HIGH-to-LOW propagation delay
port A to port B
[1] 73
122
183
ns
tTLH
LOW to HIGH output transition time
port B
[1][2] -61
-
ns
tTHL
HIGH to LOW output transition time
port B
[1] 15
24
40
ns
tsu
setup time
EN HIGH before START condition
100
-
-
ns
th
hold time
EN HIGH after STOP condition
100
-
-
ns
VCC(A) = 1.9 V; VCC(B) = 5.0 V
tPLH
LOW-to-HIGH propagation delay
port B to port A
[1] 69
105
216
ns
tPHL
HIGH-to-LOW propagation delay
port B to port A
[1] 63
86
140
ns
tTLH
LOW to HIGH output transition time
port A
[1] 14
27
96
ns
tTHL
HIGH to LOW output transition time
port A
[1] 5835
ns
tPLH
LOW-to-HIGH propagation delay
port A to port B
[1]
−69
−89
−139 ns
tPLH2
LOW to HIGH propagation delay 2
port A to port B; measured from
the 50 % of initial LOW on port A to
1.5 V rising on port B
[1] 91
131
226
ns
tPHL
HIGH-to-LOW propagation delay
port A to port B
[1] 73
99
183
ns
tTLH
LOW to HIGH output transition time
port B
[1][2] -65
-
ns
tTHL
HIGH to LOW output transition time
port B
[1] 15
31
40
ns
tsu
setup time
EN HIGH before START condition
100
-
-
ns
th
hold time
EN HIGH after STOP condition
100
-
-
ns


Similar Part No. - PCA9519BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9519BS NXP-PCA9519BS Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
More results

Similar Description - PCA9519BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
   4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com