Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9671 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. PCA9671
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCA9671 Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1.
General description
The PCA9671 provides general purpose remote I/O expansion for most microcontroller
families via the two-line bidirectional bus (I2C-bus) and is a part of the Fast-mode Plus
(Fm+) family.
The PCA9671 is a drop in upgrade for the PCF8575 providing higher I2C-bus speeds
(1 MHz versus 400 kHz) so that the output can support PWM dimming of LEDs, higher
I2C-bus drive (30 mA versus 3 mA) so that many more devices can be on the bus without
the need for bus buffers, higher total package sink capacity (400 mA versus 100 mA) that
supports having all 25 mA LEDs on at the same time and more device addresses (64
versus 8) to allow many more devices on the bus without address conflicts.
The difference between the PCA9671 and the PCF8575 is that the interrupt output on the
PCF8575 is replaced by a RESET input on the PCA9671.
The device consists of a 16-bit quasi-bidirectional port and an I2C-bus interface. The
PCA9671 has a low current consumption and includes latched outputs with 25 mA high
current drive capability for directly driving LEDs. The internal Power-On Reset (POR),
hardware reset pin (RESET) or software reset sequence initializes the I/Os as inputs.
2.
Features
I 1 MHz I2C-bus interface
I Compliant with the I2C-bus Fast-mode and Standard-mode
I SDA with 30 mA sink capability for 4000 pF buses
I 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
I 16-bit remote I/O pins that default to inputs at power-up
I Latched outputs with 25 mA sink capability for directly driving LEDs
I Total package sink capability of 400 mA
I Active LOW reset input
I 64 programmable slave addresses using 3 address pins
I Readable device ID (manufacturer, device type, and revision)
I Low standby current
I −40 °C to +85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
I Packages offered: SO24, SSOP24, QSOP24, TSSOP24, HVQFN24, DHVQFN24
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
Rev. 01 — 20 December 2006
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn