Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9509D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9509D
Description  Level translating I2C-bus/SMBus repeater
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9509D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9509D Datasheet HTML 1Page - NXP Semiconductors PCA9509D Datasheet HTML 2Page - NXP Semiconductors PCA9509D Datasheet HTML 3Page - NXP Semiconductors PCA9509D Datasheet HTML 4Page - NXP Semiconductors PCA9509D Datasheet HTML 5Page - NXP Semiconductors PCA9509D Datasheet HTML 6Page - NXP Semiconductors PCA9509D Datasheet HTML 7Page - NXP Semiconductors PCA9509D Datasheet HTML 8Page - NXP Semiconductors PCA9509D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The PCA9509 is a level translating I2C-bus/SMBus repeater that enables processor low
voltage 2-wire serial bus to interface with standard I2C-bus or SMBus I/O. While retaining
all the operating modes and features of the I2C-bus system during the level shifts, it also
permits extension of the I2C-bus by providing bidirectional buffering for both the data
(SDA) and the clock (SCL) lines, thus enabling the I2C-bus or SMBus maximum
capacitance of 400 pF on the higher voltage side. The SDA and SCL pins are over-voltage
tolerant and are high-impedance when the PCA9509 is unpowered.
The bus port B drivers are compliant with SMBus I/O levels, while port A uses a current
sensing mechanism to detect the input or output LOW signal which prevents bus lock-up.
Port A uses a 1 mA current source for pull-up and a 200
Ω pull-down driver. This results in
a LOW on the port A accommodating smaller voltage swings. The output pull-down on the
port A internal buffer LOW is set for approximately 0.2 V, while the input threshold of the
internal buffer is set about 50 mV lower than that of the output voltage LOW. When the
port A I/O is driven LOW internally, the LOW is not recognized as a LOW by the input. This
prevents a lock-up condition from occurring. The output pull-down on the port B drives a
hard LOW and the input level is set at 0.3 of SMBus or I2C-bus voltage level which
enables port B to connect to any other I2C-bus devices or buffer.
The PCA9509 drivers are not enabled unless VCC(A) is above 0.8 V and VCC(B) is above
2.5 V. The enable (EN) pin can also be used to turn the drivers on and off under system
control. Caution should be observed to only change the state of the EN pin when the bus
is idle.
2.
Features
I Bidirectional buffer isolates capacitance and allows 400 pF on port B of the device
I Voltage level translation from port A (1 V to VCC(B) − 1.0 V) to port B (3.0 V to 5.5 V)
I Requires no external pull-up resistors on lower voltage port A
I Active HIGH repeater enable input
I Open-drain inputs/outputs
I Lock-up free operation
I Supports arbitration and clock stretching across the repeater
I Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
I Powered-off high-impedance I2C-bus pins
I Operating supply voltage range of 1.0 V to VCC(B) − 1.0 V on port A, 3.0 V to 5.5 V on
port B
I 5 V tolerant port B SCL, SDA and enable pins
PCA9509
Level translating I2C-bus/SMBus repeater
Rev. 01 — 27 June 2006
Product data sheet


Similar Part No. - PCA9509D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509D NXP-PCA9509D Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509DP NXP-PCA9509DP Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
More results

Similar Description - PCA9509D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com