Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS3540E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS3540E
Description  40 V, 500 mA PNP low VCEsat (BISS) transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS3540E Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS3540E Datasheet HTML 1Page - NXP Semiconductors PBSS3540E Datasheet HTML 2Page - NXP Semiconductors PBSS3540E Datasheet HTML 3Page - NXP Semiconductors PBSS3540E Datasheet HTML 4Page - NXP Semiconductors PBSS3540E Datasheet HTML 5Page - NXP Semiconductors PBSS3540E Datasheet HTML 6Page - NXP Semiconductors PBSS3540E Datasheet HTML 7Page - NXP Semiconductors PBSS3540E Datasheet HTML 8Page - NXP Semiconductors PBSS3540E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 15062
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 3 May 2005
4 of 11
Philips Semiconductors
PBSS3540E
40 V, 500 mA PNP low VCEsat (BISS) transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
833
K/W
[2] -
-
500
K/W
FR4 PCB, mounting pad for collector 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse time; typical values
006aaa413
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
1
0.1
0.05
0.02
0.01
0
Zth(j-a)
(K/W)
1
duty cycle =
0.75
0.5
0.33
0.2


Similar Part No. - PBSS3540E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS3540E NEXPERIA-PBSS3540E Datasheet
286Kb / 12P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
More results

Similar Description - PBSS3540E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS3540E NEXPERIA-PBSS3540E Datasheet
286Kb / 12P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS2540E NEXPERIA-PBSS2540E Datasheet
285Kb / 12P
   40 V, 500 mA NPN low VCEsat (BISS) transistor
Rev. 02 - 15 November 2009
logo
NXP Semiconductors
PBSS2540E NXP-PBSS2540E Datasheet
172Kb / 11P
   40 V, 500 mA NPN low VCEsat (BISS) transistor
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBHV9050T NXP-PBHV9050T Datasheet
97Kb / 12P
   500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-16 September 2009
logo
Nexperia B.V. All right...
PBHV9050Z NEXPERIA-PBHV9050Z Datasheet
459Kb / 14P
   500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
PBHV9515QA NEXPERIA-PBHV9515QA Datasheet
731Kb / 17P
   150 V, 500 mA PNP high-voltage low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com