Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS305PZ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS305PZ
Description  80 V, 4.5 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS305PZ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS305PZ Datasheet HTML 6Page - NXP Semiconductors PBSS305PZ Datasheet HTML 7Page - NXP Semiconductors PBSS305PZ Datasheet HTML 8Page - NXP Semiconductors PBSS305PZ Datasheet HTML 9Page - NXP Semiconductors PBSS305PZ Datasheet HTML 10Page - NXP Semiconductors PBSS305PZ Datasheet HTML 11Page - NXP Semiconductors PBSS305PZ Datasheet HTML 12Page - NXP Semiconductors PBSS305PZ Datasheet HTML 13Page - NXP Semiconductors PBSS305PZ Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PBSS305PZ_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 September 2006
11 of 14
Philips Semiconductors
PBSS305PZ
80 V, 4.5 A PNP low VCEsat (BISS) transistor
11. Soldering
Fig 16. Reflow soldering footprint
Fig 17. Wave soldering footprint
sot223_fr
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
1.20
(4
×)
3.90
5.90
4.80
7.40
4
23
1
3.85
1.20 (3
×)
1.30 (3
×)
0.30
3.60
3.50
7.00
6.15
7.65
sot223_fw
solder resist
occupied area
solder lands
Dimensions in mm
transport direction during soldering
6.70
8.90
1.90 (2
×)
1.10
7.30
4.30 8.10 8.70
12
3
4


Similar Part No. - PBSS305PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
More results

Similar Description - PBSS305PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS304PZ NXP-PBSS304PZ Datasheet
193Kb / 14P
   60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
logo
Nexperia B.V. All right...
PBSS304PZ NEXPERIA-PBSS304PZ Datasheet
306Kb / 15P
   60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS5480X PHILIPS-PBSS5480X_15 Datasheet
206Kb / 13P
   PNP low VCEsat (BISS) transistor 80 V, 4 A
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5480X NEXPERIA-PBSS5480X Datasheet
448Kb / 14P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS305PX NEXPERIA-PBSS305PX Datasheet
331Kb / 16P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS5580PA PHILIPS-PBSS5580PA_15 Datasheet
174Kb / 15P
   80 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-6 May 2010
PBSS304PD NXP-PBSS304PD Datasheet
137Kb / 15P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-24 March 2009
PBSS305PX NXP-PBSS305PX Datasheet
218Kb / 15P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
logo
Nexperia B.V. All right...
PBSS304PD NEXPERIA-PBSS304PD Datasheet
251Kb / 16P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com