Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA64 Datasheet(PDF) 20 Page - ATMEL Corporation

Part No. ATMEGA64
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATMEGA64 Datasheet HTML 12Page - ATMEL Corporation ATMEGA64 Datasheet HTML 13Page - ATMEL Corporation ATMEGA64 Datasheet HTML 14Page - ATMEL Corporation ATMEGA64 Datasheet HTML 15Page - ATMEL Corporation ATMEGA64 Datasheet HTML 16Page - ATMEL Corporation ATMEGA64 Datasheet HTML 17Page - ATMEL Corporation ATMEGA64 Datasheet HTML 18Page - ATMEL Corporation ATMEGA64 Datasheet HTML 19Page - ATMEL Corporation ATMEGA64 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
ATmega64(L)
2490F–AVR–12/03
Improved description of “Oscillator Calibration Register – OSCCAL(1)” on page 40
and “Calibration Byte” on page 293.
12. When using external clock there are some limitations regards to change of
frequency. This is descried in “External Clock” on page 41 and Table 132 on
page 328.
13. Added a sub section regarding OCD-system and power consumption in the
section “Minimizing Power Consumption” on page 47.
14. Corrected typo (WGM-bit setting) for:
“Fast PWM Mode” on page 97 (Timer/Counter0).
“Phase Correct PWM Mode” on page 99 (Timer/Counter0).
“Fast PWM Mode” on page 150 (Timer/Counter2).
“Phase Correct PWM Mode” on page 152 (Timer/Counter2).
15. Corrected Table 81 on page 190 (USART).
16. Corrected Table 103 on page 262 (Boundary-Scan)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn