Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AN103
Description  The FET Constant-Current Source/Limiter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AN103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AN103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AN103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AN103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN103
2
Siliconix
10-Mar-97
D
S
D
S
+
+
+
(a)
(b)
Figure 3.
Cascade FET VGS1 = 0
Q2
Q1
VGS2gfs2
goss2
I2
VDS2
goss1
VDS1 = –VGS2
= IO/goss1
IO
VO
Now, ID is regulated by Q1 and VDS1 = –VGS2. The dc val-
ue of ID is controlled by RS and Q1. However, Q1 and Q2
both affect current stability. The circuit output conduc-
tance is derived as follows:
If goss1 = goss2
(7)
(8)
go
+
goss
2
)
g
fs
goss
when RS
0 0 as in Figure 2
(9)
go
[
goss2
g
fs 1 ) RSgfs
In either case (RS = 0 or RS
 0), the circuit output
conductance is considerably lower than the goss of a
single FET.
In designing any cascaded FET current source, both FETs
must be operated with adequate drain-gate voltage, VDG.
That is,
VDG
u VGS(off), preferably VDG u 2VGS(off)
(10)
If VDG < 2 VGS(off), the goss will be significantly
increased, and circuit go will deteriorate. For example: A
JFET may have a typical goss = 4
mS at VDS = 20 V and
VGS = 0. At VDS
 –VGS(off) = 2 V, goss  100 mS.
The best FETs for current sources are those having long
gates and consequently very low goss. The Siliconix
2N4340, J202, and SST202 exhibit typical goss = 2
mS at
VDS = 20 V. These devices in the circuit of Figure 4 will
provide a current source adjustable from 5
mA to 0.8 mA
with internal impedance greater than 2 M
W at 0.2 mA.
Other Siliconix part types such as the 2N4392, J112, and
SST112 can provide 10 mA or higher current.
Q1
D
S
+
30 V
Figure 4.
Adjustable Current Source RS = 1 MW
RS = 1 MW
RS
200
W (Optional)
Instead of the adjustable resistor, the JFETs can be put in
IDSS range groupings with an appropriate RS resistor
selected for each group. This method is common in high
volume applications.
The cascade circuit of Figure 5 provides a current
adjustable from 2
mA to 0.8 mA with internal resistance
greater than 10 M
W.
D
S
+
30 V
D
S
Q2
Q1
100
W
(Optional)
RS
Q1 = 2N4340, J202, SST202
Q2 = 2N4341, J304, SST304
RS = 1 MW
Figure 5.
Cascade FET Current Source


Similar Part No. - AN103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN103 ETC2-AN103 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
NXP Semiconductors
AN10315 PHILIPS-AN10315_15 Datasheet
400Kb / 4P
   LED dimmer demoboard
Rev. 01-7 January 2005
AN10327 PHILIPS-AN10327 Datasheet
753Kb / 19P
   TDA856x and TDA8571J power amplifiers
Rev.01.00-15 October 2004
logo
Intersil Corporation
AN1034 INTERSIL-AN1034 Datasheet
169Kb / 3P
   Analog Switch and Multiplexer Applications
More results

Similar Description - AN103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
Silicon Laboratories
AN841 SILABS-AN841 Datasheet
982Kb / 4P
   THE MICROCC?볾 MICROAMP-RANGE CONSTANT-CURRENT SOURCE
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
logo
Linear Technology
LM134 LINER-LM134_15 Datasheet
166Kb / 12P
   Constant Current Source and Temperature Sensor
LM334S8 LINER-LM334S8 Datasheet
110Kb / 2P
   Constant Current Source and Temperature Sensor
LM134 LINER-LM134 Datasheet
156Kb / 12P
   Constant Current Source and Temperature Sensor
logo
Nexperia B.V. All right...
PSSI2021SAY NEXPERIA-PSSI2021SAY Datasheet
188Kb / 13P
   Constant current source in SOT353 package
Rev. 03 - 27 August 2009
logo
PHOENIX CONTACT
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
   Constant voltage source
logo
Texas Instruments
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com