Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AVC16836A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74AVC16836A
Description  20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74AVC16836A Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product data
74AVC16836A
20-bit registered driver with inverted register enable
and Dynamic Controlled Outputs
™ (3-State)
2002 Aug 02
6
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.5 ± 0.2 V
VCC = 1.8 ± 0.15 V
VCC =
1.5
± 0.1 V
VCC =
1.2 V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
MAX
TYP
Propagation
delay
An to Yn
1, 7
0.7
1.5
2.7
0.8
1.7
3.2
1.0
2.4
4.4
2.0
5.3
4.7
ns
tPHL/tPLH
Propagation
delay
LE to Yn
2, 7
0.7
1.7
3.4
1.0
2.1
3.5
1.5
2.7
5.0
2.0
5.6
5.0
ns
Propagation
delay
CP to Yn
3, 7
0.7
1.6
3.0
0.8
1.7
3.2
1.2
2.3
4.1
2.0
4.7
5.7
ns
tPZH/tPZL
3-State output
enable time
OE to Yn
6, 7
1.0
1.9
3.6
1.0
2.4
4.0
1.5
3.0
5.4
2.5
6.8
6.0
ns
tPHZ/tPLZ
3-State output
disable time
OE to Yn
6, 7
1.0
2.5
4.8
1.0
2.1
4.7
1.5
3.7
7.5
2.5
7.6
6.6
ns
t
CP pulse width
HIGH or LOW
3, 7
1.0
1.2
2.0
ns
tW
LE pulse width
HIGH
2, 7
1.0
1.2
2.0
ns
tS
Set-up time
An to CP
5, 7
0.2
0
0.3
0
0.2
0
0.3
0
ns
tSU
Set-up time
An to LE
4, 7
0.3
0
0.6
0.2
0.9
0.4
1.3
1.2
ns
t
Hold time
An to CP
5, 7
1.2
0.5
0.6
0.2
0.6
0.2
0.6
0.1
ns
th
Hold time
An to LE
4, 7
1.0
0.5
0.5
0.1
0.4
0
0.2
–0.7
ns
fmax
Maximum clock
pulse frequency
3, 7
500
400
250
MHz
NOTE:
1. All typical values are measured at Tamb = 25°C and at VCC = 1.8 V, 2.5 V, 3.3 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn