Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC9401 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89LPC9401
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89LPC9401 Datasheet HTML 40Page - NXP Semiconductors P89LPC9401 Datasheet HTML 41Page - NXP Semiconductors P89LPC9401 Datasheet HTML 42Page - NXP Semiconductors P89LPC9401 Datasheet HTML 43Page - NXP Semiconductors P89LPC9401 Datasheet HTML 44Page - NXP Semiconductors P89LPC9401 Datasheet HTML 45Page - NXP Semiconductors P89LPC9401 Datasheet HTML 46Page - NXP Semiconductors P89LPC9401 Datasheet HTML 47Page - NXP Semiconductors P89LPC9401 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
44 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
9.
Static characteristics
Table 11:
Static electrical characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V; fosc =12MHz
[2] -11
15
mA
VDD = 3.6 V; fosc =18MHz
[2] -17
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V; fosc =12MHz
[2] -
3.7
5
mA
VDD = 3.6 V; fosc =18MHz
[2] -6
8
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V; voltage
comparators powered
down
[2] -60
85
µA
IDD(tpd)
total Power-down mode supply
current
VDD = 3.6 V
[3] -9
25
µA
(dV/dt)r
rise rate
of VDD
-
-
2
mV/
µs
(dV/dt)f
fall rate
of VDD
-
-
50
mV/
µs
VDDR
data retention voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-state input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-state input voltage
SCL, SDA only
0.7VDD
-
5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-state output voltage
IOL =20mA;
VDD = 2.4 V to 3.6 V,
all ports, all modes except
high-Z
[4] -
0.6
1.0
V
IOL = 3.2 mA; VDD = 2.4 V
to 3.6 V; all ports; all
modes except high-Z
[4] -
0.2
0.3
V
VOH
HIGH-state output voltage
IOH = −20 µA;
VDD = 2.4 V to 3.6 V;
all ports;
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V;
all ports; push-pull mode
VDD − 0.7
VDD − 0.4
-
V
Vxtal
crystal voltage
with respect to VSS
−0.5
-
+4.0
V
Vn
voltage on any other pin
(except XTAL1, XTAL2, VDD)
with respect to VSS
−0.5
-
+5.5
V
Ciss
input capacitance
[5] -
-
15
pF
IIL
LOW-state input current
VI = 0.4 V
[6] --
−80
µA
ILI
input leakage current
VI =VIL,VIH or Vth(HL)
[7] --
±10
µA
ITHL
HIGH-LOW transition current
(all ports)
VI = 1.5 V at VDD = 3.6 V
[8]
−30
-
−450
µA
RRST_N(int)
internal pull-up resistance on
pin RST_N
pin RST
10
-
30
k


Similar Part No. - P89LPC9401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9402FBD NXP-P89LPC9402FBD Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9408FBD PHILIPS-P89LPC9408FBD Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
More results

Similar Description - P89LPC9401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com