Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC9401 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC9401
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC9401 Datasheet HTML 34Page - NXP Semiconductors P89LPC9401 Datasheet HTML 35Page - NXP Semiconductors P89LPC9401 Datasheet HTML 36Page - NXP Semiconductors P89LPC9401 Datasheet HTML 37Page - NXP Semiconductors P89LPC9401 Datasheet HTML 38Page - NXP Semiconductors P89LPC9401 Datasheet HTML 39Page - NXP Semiconductors P89LPC9401 Datasheet HTML 40Page - NXP Semiconductors P89LPC9401 Datasheet HTML 41Page - NXP Semiconductors P89LPC9401 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
38 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
7.26.4 Oscillator
7.26.4.1
Internal clock
An internal oscillator provides the clock signals for the internal logic of the LCD controller
and its LCD drive signals. After power-up, pin SDA must be HIGH to guarantee that the
clock starts.
7.26.5 Timing
The LCD controller timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. The timing
also generates the LCD frame signal whose frequency is derived from the clock
frequency. The frame signal frequency is a fixed division of the clock frequency from either
the internal or an external clock.
Frame frequency = fosc(LCD) / 24.
7.26.6 Display register
A display latch holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display latch, the
LCD segment outputs, and each column of the display RAM.
7.26.7 Segment outputs
The LCD drive section includes 32 segment outputs S0 to S31. The segment output
signals are generated according to the multiplexed backplane signals and the display
latch data. When less than 32 segment outputs are required, the unused segment outputs
should be left open-circuit.
7.26.8 Backplane outputs
The LCD drive section has four backplane outputs BP0 to BP3. The backplane output
signals are generated in based on the selected LCD drive mode. If less than four
backplane outputs are required, the unused outputs can be left open-circuit. In the 1:3
multiplex drive mode, BP3 carries the same signal as BP1, therefore these two adjacent
outputs can be tied together to give enhanced drive capabilities. In the 1:2 multiplex drive
mode, BP0 and BP2, BP1 and BP3 respectively carry the same signals and may also be
paired to increase the drive capabilities. In the static drive mode the same signal is carried
by all four backplane outputs and they can be connected in parallel for very high drive
requirements.
7.26.9 Display RAM
The display RAM is a static 32
× 4-bit RAM which stores LCD data. There is a one-to-one
correspondence between the RAM addresses and the segment outputs, and between the
individual bits of a RAM word and the backplane outputs. The first RAM column
corresponds to the 32 segments for backplane 0 (BP0). In multiplexed LCD applications
the segment data of the second, third and fourth column of the display RAM are
time-multiplexed with BP1, BP2 and BP3 respectively.
7.26.10 Data pointer
The Display RAM is addressed using the data pointer. Either a single byte or a series of
display bytes may be loaded into any location of the display RAM.


Similar Part No. - P89LPC9401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9402FBD NXP-P89LPC9402FBD Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9408FBD PHILIPS-P89LPC9408FBD Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
More results

Similar Description - P89LPC9401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com