Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC2378 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2378 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2378 Datasheet HTML 1Page - NXP Semiconductors LPC2378 Datasheet HTML 2Page - NXP Semiconductors LPC2378 Datasheet HTML 3Page - NXP Semiconductors LPC2378 Datasheet HTML 4Page - NXP Semiconductors LPC2378 Datasheet HTML 5Page - NXP Semiconductors LPC2378 Datasheet HTML 6Page - NXP Semiconductors LPC2378 Datasheet HTML 7Page - NXP Semiconductors LPC2378 Datasheet HTML 8Page - NXP Semiconductors LPC2378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LPC2378_1
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 December 2006
4 of 54
NXP Semiconductors
LPC2378
Fast communication chip
5.
Block diagram
Fig 1.
LPC2378 block diagram
power domain 2
LPC2378
A[15:0]
D[7:0]
EXTERNAL
MEMORY
CONTROLLER
ALARM
002aac574
PWM1
ARM7TDMI-S
PLL
EINT3 to EINT0
FLASH
P3, P4
P0, P1, P2,
LEGACY GPI/O
56 PINS TOTAL
P0, P1
SCK, SCK0
MOSI, MOSI0
SSEL, SSEL1
SCK1
MOSI1
MIS01
SSEL1
SCL0, SCL1, SCL2
I2SRX_CLK
I2STX_CLK
I2SRX_WS
I2STX_WS
8 · AD0
RTCX1
RTCX2
MCICLK, MCIPWR
RXD0, RXD2, RXD3
TXD1
RXD1
RD1, RD2
TD1, TD2
CAN1, CAN2
2 · USB_D+/USB_D-
XTAL1
TCK TDO
EXTIN0
XTAL2
RESET
TRST
TDI
TMS
HIGH-SPEED
GPI/O
104 PINS
TOTAL
32 kB
SRAM
512 kB
FLASH
INTERNAL
CONTROLLERS
TEST/DEBUG
INTERFACE
trace signals
AHB
BRIDGE
AHB
BRIDGE
ETHERNET
MAC WITH
DMA
16 kB
SRAM
MASTER
PORT
AHB TO
APB BRIDGE
SLAVE
PORT
system
clock
SYSTEM
FUNCTIONS
INTERNAL RC
OSCILLATOR
VDDA
VDD(3V3)
VDD(DCDC)(3V3)
VDD(1V8)
VREF
VSSA, VSS
VECTORED
INTERRUPT
CONTROLLER
8 kB
SRAM
USB WITH
4 kB RAM
AND DMA
GP DMA
CONTROLLER
I2S INTERFACE
SPI, SSP0 INTERFACE
I2SRX_SDA
I2STX_SDA
MISO, MISO0
SSP1 INTERFACE
SD/MMC CARD
INTERFACE
MCICMD,
MCIDAT[3:0]
TXD0, TXD2, TXD3
UART0, UART2, UART3
UART1
DTR1, RTS1
DSR1, CTS1, DCD1,
RI1
I2C0, I2C1, I2C2
SDA0, SDA1, SDA2
EXTERNAL INTERRUPTS
CAPTURE/COMPARE
TIMER0/TIMER1/
TIMER2/TIMER3
A/D CONVERTER
D/A CONVERTER
2 kB BATTERY RAM
RTC
OSCILLATOR
REAL-
TIME
CLOCK
WATCHDOG TIMER
SYSTEM CONTROL
2 · CAP0/CAP1/
CAP2/CAP3
4 · MAT2,
2 · MAT0/MAT1/
MAT3
6 · PWM1
2 · PCAP1
AOUT
VBAT
AHB TO
APB BRIDGE
SRAM
RMII(8)
VBUS
2 · USB_CONNECT
2 · USB_UP_LED
DBGEN
P0, P2
AHB2
AHB1
WE, OE, CS0, CS1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTLJF3117P Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package 1  2  3  4  5  More ON Semiconductor
NTLJF3118N Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package 1  2  3  4  5  More ON Semiconductor
NX25F011B 1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1  2  3  4  5  More List of Unclassifed Manufacturers
M306V5ME-XXXSP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
ATR0841 4-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1  2  3  4  5  More ATMEL Corporation
TC7MA157FK Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1  2  3  4  5  More Toshiba Semiconductor
CS5302 Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1  2  3  4  5  More ON Semiconductor
MAX3325 3V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1  2  3  4  5  More Maxim Integrated Products
NCP1423 400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1  2  3  4  5  More ON Semiconductor
ZL50062 16K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn