Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMI15-4 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMI15-4
Description  Rotational speed sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15-4 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMI15-4 Datasheet HTML 4Page - NXP Semiconductors KMI15-4 Datasheet HTML 5Page - NXP Semiconductors KMI15-4 Datasheet HTML 6Page - NXP Semiconductors KMI15-4 Datasheet HTML 7Page - NXP Semiconductors KMI15-4 Datasheet HTML 8Page - NXP Semiconductors KMI15-4 Datasheet HTML 9Page - NXP Semiconductors KMI15-4 Datasheet HTML 10Page - NXP Semiconductors KMI15-4 Datasheet HTML 11Page - NXP Semiconductors KMI15-4 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Sep 05
8
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
Fig.12 Sensing distance as a function of positional
tolerance; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
1
2
4
3
01
0
d
(mm)
MBD841
d
Θ
23 θ (deg)
4
f t
Fig.13 Sensing distance as a function of positional
tolerance in the x-axis; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
MBD842
x (mm)
1
2
3
0
x
d
10 mm
–+
d
(mm)
02
4
6
–2
–4
–6
Fig.14 Typical sensing distance as a function of
ambient temperature; typical values.
handbook, halfpage
1
2
4
3
-50
0
50
100
150
200
0
amb
T
( C)
o
d
(mm)
MBD839
d
Fig.15 Sensor positioning.
handbook, halfpage
gear wheel
sensor
d
d
MRA963


Similar Part No. - KMI15-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
More results

Similar Description - KMI15-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com