Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IP4770CZ16 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. IP4770CZ16
Description  VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

IP4770CZ16 Datasheet(HTML) 8 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IP4770CZ16_4771_4772_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
8 of 11
NXP Semiconductors
IP4770/71/72CZ16
VGA/video interface with ESD protection
11. Package outline
Fig 4.
Package outline SOT519-1 (SSOP16)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.25
0.10
1.55
1.40
0.25
0.31
0.20
0.25
0.18
5.0
4.8
4.0
3.8
0.635
1
6.2
5.8
0.89
0.41
0.18
0.05
8
0
o
o
0.18
0.2
0.09
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
SOT519-1
99-05-04
03-02-18
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
8
16
9
θ
A
A1
A2
L p
detail X
L
(A )
3
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 3.9 mm; lead pitch 0.635 mm
SOT519-1
A
max.
1.73


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn