Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IP4770CZ16 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. IP4770CZ16
Description  VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

IP4770CZ16 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IP4770CZ16_4771_4772_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
6 of 11
NXP Semiconductors
IP4770/71/72CZ16
VGA/video interface with ESD protection
[1]
This parameter is guaranteed by design and characterization.
[1]
Input VI(DDC_INx) ≤ VCC(DDC)− 0.4 V and output VO(DDC_OUTx) = VCC(DDC) or
input VI(DDC_INx) = VCC(DDC) and output VO(DCC_OUTx) ≤ VCC(DCC) − 0.4 V.
Table 6.
Video circuit characteristics
VCC(VIDEO) = 5 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply: pin VCC(VIDEO)
ICC(VIDEO)
supply current on pin VCC(VIDEO)
static input signals
-
-
10
µA
Video channel: pins VIDEO_1, VIDEO_2 and VIDEO_3
Cch(video)
video channel capacitance
fi = 1 MHz; VI = 2.5 V
[1] --4
pF
Ii(video)
video input current
VI = VCC(VIDEO) or GND
−1-
+1
µA
Protection diode
VFd
diode forward voltage
IF = 1 mA
-
0.7
-
V
Table 7.
Level circuit characteristics
VCC(DDC) = 5 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Max
Unit
Supply: pin VCC(DDC)
ICC(DDC)
supply current on pin VCC(DDC)
--
10
µA
N-MOSFET
IL(off)
off-state leakage current
[1] --
10
µA
∆Von
on-state voltage drop
VCC(DDC) = 2.5 V; VS = GND;
IDS = 3 mA
-
-
0.18
V
Protection diode
IL(r)
reverse leakage current
per channel; V = 3.0 V
-
-
1
µA
VBRzd
Zener diode breakdown voltage
I = 1 mA
6
-
9
V
VFd
diode forward voltage
IF = 1 mA
-
0.7
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn