Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTL2007 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. GTL2007
Description  13-bit GTL to LVTTL translator with power good control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors GTL2007 Datasheet HTML 10Page - NXP Semiconductors GTL2007 Datasheet HTML 11Page - NXP Semiconductors GTL2007 Datasheet HTML 12Page - NXP Semiconductors GTL2007 Datasheet HTML 13Page - NXP Semiconductors GTL2007 Datasheet HTML 14Page - NXP Semiconductors GTL2007 Datasheet HTML 15Page - NXP Semiconductors GTL2007 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
12 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
PRR
≤ 10 MHz; ZO =50 Ω; tr ≤ 2.5 ns; tf ≤ 2.5 ns
Fig 5.
Propagation delay, nBI to nAO
Fig 6.
nBI to nA (I/O)
Fig 7.
5BI to 7BO or 6BI to 7BO2
Fig 8.
EN1 to nAO or EN2 to nAO
Fig 9.
EN1 to 5A (I/O) or EN2 to 6A (I/O)
002aab001
VTT
1/3VTT
VOH
VOL
tPLH
tPHL
1.5 V
1.5 V
Vref
Vref
input
output
002aab002
VTT
1/3VTT
VCC
tPLZ
tPZL
Vref
Vref
input
output
VOL + 0.3 V
1.5 V
002aab003
VTT
1/3VTT
VOH/VTT
VOL
tPLH
tPHL
Vref
Vref
input
output
Vref
Vref
002aab004
3.0 V
0 V
VOH
VOL
tPLH
tPHL
1.5 V
1.5 V
input
output
1.5 V
1.5 V
002aab005
3.0 V
0 V
VOH
VOL
tPLZ
tPZL
1.5 V
1.5 V
input
output
1.5 V
VOL + 0.3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn