Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTL2007 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. GTL2007
Description  13-bit GTL to LVTTL translator with power good control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007 Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2007 Datasheet HTML 1Page - NXP Semiconductors GTL2007 Datasheet HTML 2Page - NXP Semiconductors GTL2007 Datasheet HTML 3Page - NXP Semiconductors GTL2007 Datasheet HTML 4Page - NXP Semiconductors GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
5 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
7.
Functional description
Refer to Figure 1 “Logic diagram of GTL2007” on page 3.
7.1 Function tables
[1]
1AO, 2AO, 3AO, 4AO and 5A/6A condition changed by ENn power good signal as described in Table 5 and
Table 6.
6BI
20
data input (GTL)
5BI
21
data input (GTL)
11BO
22
data output (GTL)
EN2
23
enable input (LVTTL)
7BO2
24
data output (GTL)
7BO1
25
data output (GTL)
2BI
26
data input (GTL)
1BI
27
data input (GTL)
VCC
28
positive supply voltage
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
GTL input signals
H = HIGH voltage level; L = LOW voltage level.
Input
Output [1]
1BI/2BI/3BI/4BI/9BI
1AO/2AO/3AO/4AO/9AO
LL
HH
Table 5:
EN1 power good signal
H = HIGH voltage level; L = LOW voltage level.
EN1
1AO and 2AO
5A
L
H
5BI disconnected
H
follows BI
5BI connected
Table 6:
EN2 power good signal
H = HIGH voltage level; L = LOW voltage level.
EN2
3AO and 4AO
6A
L
H
6BI disconnected
H
follows BI
6BI connected


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn