Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTL2007 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. GTL2007
Description  13-bit GTL to LVTTL translator with power good control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2007 Datasheet HTML 1Page - NXP Semiconductors GTL2007 Datasheet HTML 2Page - NXP Semiconductors GTL2007 Datasheet HTML 3Page - NXP Semiconductors GTL2007 Datasheet HTML 4Page - NXP Semiconductors GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
4 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP28
GTL2007PW
VREF
VCC
1AO
1BI
2AO
2BI
5A
7BO1
6A
7BO2
EN1
EN2
11BI
11BO
11A
5BI
9BI
6BI
3AO
3BI
4AO
4BI
10AI1
10BO1
10AI2
10BO2
GND
9AO
002aab209
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
Table 3:
Pin description
Symbol
Pin
Description
VREF
1
GTL reference voltage
1AO
2
data output (LVTTL)
2AO
3
data output (LVTTL)
5A
4
data input/output (LVTTL), open-drain
6A
5
data input/output (LVTTL), open-drain
EN1
6
enable input (LVTTL)
11BI
7
data input (GTL)
11A
8
data input/output (LVTTL), open-drain
9BI
9
data input (GTL)
3AO
10
data output (LVTTL)
4AO
11
data output (LVTTL)
10AI1
12
data input (LVTTL)
10AI2
13
data input (LVTTL)
GND
14
ground (0 V)
9AO
15
data output (LVTTL)
10BO2
16
data output (GTL)
10BO1
17
data output (GTL)
4BI
18
data input (GTL)
3BI
19
data input (GTL)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn