Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUK7107-40ATC Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BUK7107-40ATC
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7107-40ATC Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7107-40ATC Datasheet HTML 1Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 2Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 3Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
BUK71/7907-40ATC
TrenchPLUS standard level FET
Product data
Rev. 01 — 9 August 2002
3 of 16
9397 750 09874
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Continuous drain current as a function of
mounting base temperature.
Tmb =25 °C; IDM single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03na19
0
40
80
120
0
50
100
150
200
Tmb
(°C)
Pder
(%)
03ni63
0
40
80
120
160
0
50
100
150
200
Capped at 75A due to package
Tmb (°C)
ID
(A)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
03ne75
1
10
102
103
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
tp = 10 µs
100 µs
Capped at 75 A due to package
Limit RDSon = VDS/ID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BUK7105-40ATE TrenchPLUS standard level FET 1  2  3  4  5  More NXP Semiconductors
PH8030L N-channel TrenchMOS logic level FET 1  2  3  4  5  More NXP Semiconductors
NTLJD2105L POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1  2  3  4  5  More ON Semiconductor
ZBNG4000 FET BIAS CONTROLLER 1  2  3  4  5  More Zetex Semiconductors
SQP AXIAL LEAD TYPE Standard TypeSQP Series Non-Inductive TypeNSP Series 1  2  List of Unclassifed Manufacturers
EFA720A Low Distortion GaAs Power FET 1  2  List of Unclassifed Manufacturers
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
ADM6819 FET Drive Simple Sequencers 1  2  3  4  5  More Analog Devices
BTA06B STANDARD TRIACS 1  2  3  4  5  STMicroelectronics
NCP348 Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn