Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUK7107-40ATC Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BUK7107-40ATC
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7107-40ATC Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7107-40ATC Datasheet HTML 1Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 2Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 3Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BUK71/7907-40ATC
TrenchPLUS standard level FET
Rev. 01 — 9 August 2002
Product data
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a plastic package using
TrenchMOS™ technology, featuring very low on-state resistance, TrenchPLUS
diodes for clamping, (ESD) protection and temperature sensing.
Product availability:
BUK7107-40ATC in SOT426 (D2-PAK)
BUK7907-40ATC in SOT263B (TO-220AB).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Integrated temperature sensor
s Q101 compliant
s ESD and overvoltage protection
s RDSon = 5.8 mΩ (typ).
s Variable Valve Timing for engines
s Electrical Power Assisted Steering.
s VDS ≤ 40 V
s VF = 658 mV (typ)
s ID ≤ 75 A
s SF = −1.54 mV/K (typ).
Table 1:
Pinning - SOT426 and SOT263B, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT426 (D2-PAK)
SOT263B (TO-220AB)
2
anode (a)
3
drain (d)
4
cathode (k)
5
source (s)
mb
mounting base;
connected to drain (d)
Front view
MBK127
12
4
35
mb
15
mb
MBL263
MBL306
da
sk
g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BUK7105-40ATE TrenchPLUS standard level FET 1  2  3  4  5  More NXP Semiconductors
PH8030L N-channel TrenchMOS logic level FET 1  2  3  4  5  More NXP Semiconductors
NTLJD2105L POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1  2  3  4  5  More ON Semiconductor
ZBNG4000 FET BIAS CONTROLLER 1  2  3  4  5  More Zetex Semiconductors
SQP AXIAL LEAD TYPE Standard TypeSQP Series Non-Inductive TypeNSP Series 1  2  List of Unclassifed Manufacturers
EFA720A Low Distortion GaAs Power FET 1  2  List of Unclassifed Manufacturers
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
ADM6819 FET Drive Simple Sequencers 1  2  3  4  5  More Analog Devices
BTA06B STANDARD TRIACS 1  2  3  4  5  STMicroelectronics
NCP348 Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn