Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUK7107-40ATC Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BUK7107-40ATC
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7107-40ATC Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7107-40ATC Datasheet HTML 1Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 2Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 3Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK7107-40ATC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
BUK71/7907-40ATC
TrenchPLUS standard level FET
Product data
Rev. 01 — 9 August 2002
4 of 16
9397 750 09874
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
4.
Thermal characteristics
4.1 Transient thermal impedance
Table 3:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Rth(j-a)
thermal resistance from junction to ambient
SOT263B
vertical in still air
-
60
-
K/W
SOT426
minimum footprint; mounted on a PCB
-
50
-
K/W
Rth(j-mb)
thermal resistance from junction to
mounting base
Figure 4
-
-
0.55 K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration.
03ni29
single shot
0.2
0.1
0.05
0.02
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
10
tp(s)
Z th(j-mb)
(K/W)
δ = 0.5
tp
tp
T
P
t
T
δ =


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BUK7105-40ATE TrenchPLUS standard level FET 1  2  3  4  5  More NXP Semiconductors
PH8030L N-channel TrenchMOS logic level FET 1  2  3  4  5  More NXP Semiconductors
NTLJD2105L POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1  2  3  4  5  More ON Semiconductor
ZBNG4000 FET BIAS CONTROLLER 1  2  3  4  5  More Zetex Semiconductors
SQP AXIAL LEAD TYPE Standard TypeSQP Series Non-Inductive TypeNSP Series 1  2  List of Unclassifed Manufacturers
EFA720A Low Distortion GaAs Power FET 1  2  List of Unclassifed Manufacturers
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
ADM6819 FET Drive Simple Sequencers 1  2  3  4  5  More Analog Devices
BTA06B STANDARD TRIACS 1  2  3  4  5  STMicroelectronics
NCP348 Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn