Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC2G17 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HC2G17
Description  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G17 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC2G17 Datasheet HTML 1Page - NXP Semiconductors 74HC2G17 Datasheet HTML 2Page - NXP Semiconductors 74HC2G17 Datasheet HTML 3Page - NXP Semiconductors 74HC2G17 Datasheet HTML 4Page - NXP Semiconductors 74HC2G17 Datasheet HTML 5Page - NXP Semiconductors 74HC2G17 Datasheet HTML 6Page - NXP Semiconductors 74HC2G17 Datasheet HTML 7Page - NXP Semiconductors 74HC2G17 Datasheet HTML 8Page - NXP Semiconductors 74HC2G17 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC2G17; 74HCT2G17 is a high-speed Si-gate CMOS device.
The 74HC2G17; 74HCT2G17 provides two non-inverting Schmitt trigger buffers. They are
capable of transforming slowly changing input signals into sharply defined, jitter-free
output signals.
The inputs switch at different points for positive and negative-going signals. The difference
between the positive voltage VT+ and the negative voltage VT− is defined as the input
hysteresis voltage VH.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Complies with JEDEC standard no. 7A
I High noise immunity
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Low power dissipation
I Balanced propagation delays
I Unlimited input rise and fall times
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Applications
I Wave and pulse shaper for highly noisy environments
I Astable multivibrators
I Monostable multivibrators
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
Rev. 01 — 6 October 2006
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn