Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G240GM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G240GM
Description  Low-power inverting buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G240GM Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G240GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74AUP1G240_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 November 2006
2 of 19
NXP Semiconductors
74AUP1G240
Low-power inverting buffer/line driver; 3-state
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G240GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1G240GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G240GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP1G240GW
p2
74AUP1G240GM
p2
74AUP1G240GF
p2
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aac528
OE
AY
1
24
001aac527
OE
1
2
4
001aac526
Y
A
OE


Similar Part No. - 74AUP1G240GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240GM NXP-74AUP1G240GM Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240GM NEXPERIA-74AUP1G240GM Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
More results

Similar Description - 74AUP1G240GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com