Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AUP2G00 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74AUP2G00
Description  Low-power dual 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G00 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G00 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AUP2G00_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2006
3 of 16
Philips Semiconductors
74AUP2G00
Low-power dual 2-input NAND gate
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 5.
Pin configuration SOT833-1 (XSON8)
Fig 6.
Pin configuration SOT902-1 (XQFN8)
74AUP2G00
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aae363
36
27
18
45
Transparent top view
001aae364
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G00
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1 and SOT833-1
SOT902-1
1A
1
7
data input 1A
1B
2
6
data input 1B
2Y
3
5
data output 2Y
GND
4
4
ground (0 V)
2A
5
3
data input 2A
2B
6
2
data input 2B
1Y
7
1
data output 1Y
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LLH
LH
H
HL
H
HHL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn