10 / 14 page
W210
10
AC Electrical Characteristics
TA = 0°C to +70°C, VDDQ3 = 3.3V±5%
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output; Spread Spectrum is disabled.
Notes:
4.
X1 input threshold voltage (typical) is VDD/2.
5.
The W210 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is 14 pF;
this includes typical stray capacitance of short PCB traces to crystal.
6.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
7.
Refer to Figure 5 for K7 operation clock driver test circuit.
Crystal Oscillator
VTH
X1 Input Threshold Voltage[4]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, Imposed on
External Crystal[5]
14
pF
CIN,X1
X1 Input Capacitance[6]
Pin X2 unconnected
28
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5% (continued)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
CPU Clock Outputs (CPUT0, CPUC0, CPUT_CS)[7]
Parameter
Description
Test Condition/Comments
CPU = 100 MHz
CPU = 133 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tR
Output Rise Edge Rate
1.0
1.0
V/ns
tF
Output Fall Edge Rate
1.0
1.0
V/ns
tD
Duty Cycle
Measured at 50% point
50
50
%
tJC
Jitter, Cycle to Cycle
250
250
ps
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short
cycles exist prior to frequency
stabilization.
33
ms
Zo
AC Output Impedance
VO = VX
50
50
Ω