Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTV212M32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MTV212M32
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212M32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV212M32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
8051 Embedded Monitor Controller
Flash Type with ISP
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 1.1
- 1 -
2000/07/04
FEATURES
8051 core, 12MHz operating frequency.
512-byte RAM; 32K-byte program Flash-ROM support In System Programming(ISP).
Maximum 14 channels of 5V open-drain PWM DAC.
Maximum 32 bi-directional I/O pins.
SYNC processor for composite separation/insertion, H/V polarity/frequency check, polarity adjustment
and programmable clamp pulse output.
Built-in self-test pattern generator with four free-running timings.
Built-in low power reset circuit.
Compliant with VESA DDC1/2B/2Bi/2B+ standard.
Dual slave IIC addresses.
Single master IIC interface for internal device communication.
4-channel 6-bit ADC.
Watchdog timer with programmable interval.
40-pin DIP, 42-pin SDIP or 44-pin PLCC package.
GENERAL DESCRIPTIONS
The MTV212M32 micro-controller is an 8051 CPU core embedded device specially tailored to Monitor
applications. It includes an 8051 CPU core, 512-byte SRAM, SYNC processor, 14 built-in PWM DACs,
VESA DDC interface, 3-channel A/D converter and a 32K-byte internal program Flash-ROM.
BLOCK DIAGRAM
P1.0-7
P2.0-2,P2.4-7
P3.4-5
X1
P0.0-
7
RD
WR
ALE
INT1
X2
8051
P3.2-0
RST
P0.0-
7
RD
WR
ALE
INT1
XFR
STOUT
HBLANK
VBLANK
HSYNC
VSYNC
HCLAMP
HALFV
HALFH
H/VSYNC
CONTROL
ISCL
ISDA
HSCL
HSDA
DDC & IIC
INTERFACE
ADC
AD0-2
14 CHANNEL
PWM DAC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn