Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC153 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC74HC153
Description  Dual 4-Input Data Selector/Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74HC153 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Dual 4-Input Data
Selector/Multiplexer
High–Performance Silicon–Gate CMOS
The MC74HC153 is identical in pinout to the LS153. The device inputs are
compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
The Address Inputs select one of four Data Inputs from each multiplexer.
Each multiplexer has an active–low Strobe control and a noninverting
output.
The HC153 is similar in function to the HC253, which has 3–state outputs.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 108 FETs or 27 Equivalent Gates
LOGIC DIAGRAM
1
6
5
4
3
14
A0
7
9
Ya
Yb
D0a
STROBE a
ADDRESS
INPUTS
DATA–
WORD a
INPUTS
PIN 16 = VCC
PIN 8 = GND
A1
2
10
11
12
13
15
STROBE b
D1a
D2a
D3a
D0b
DATA–
WORD b
INPUTS
D1b
D2b
D3b
MC74HC153
FUNCTION TABLE
PIN ASSIGNMENT
D0, D1, D2, and D3 = the level of the
respective data input.
Inputs
Output
A1
A0
Strobe
Y
X
X
H
L
L
L
L
D0
L
H
L
D1
H
L
L
D2
H
H
L
D3
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
STROBE a
D3a
A1
GND
D3b
A0
STROBE b
VCC
D2a
D1a
D0a
Ya
D2b
D1b
D0b
Yb
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
1
16
1
16
ORDERING INFORMATION
MC74HCXXXN
MC74HCXXXD
Plastic
SOIC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn