Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72811L12PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72811L12PF
Description  DUAL CMOS SyncFIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72811L12PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72811L12PF Datasheet HTML 1Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 2Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 3Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 4Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 5Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 6Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 7Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 8Page - Integrated Device Technology IDT72811L12PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5.15
4
COMMERCIAL TEMPERATURE
72801/72811/72821/72831/72841 DUAL CMOS SyncFIFO
256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
3034 tbl 03
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN
(2)
Input Capacitance
VIN = 0V
10
pF
COUT
(1,2)
Output Capacitance
VOUT = 0V
10
pF
NOTE:
1. With output deselected (
OEA, OEB = HIGH).
3034 tbl 04
IDT72801
IDT72811
Commercial
tCLK = 15, 20, 25, 35ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
–1
µA
ILO
(2)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC
(3)
Active Power Supply Current
270
mA
IDT72821
IDT72831
IDT72841
Commercial
tCLK = 20, 25, 35 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
–1
µA
ILO
(2)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC
(3)
Active Power Supply Current
300
mA
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2. OEA, OEB
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. Measurements are made with outputs open. Tested at fCLK = 20MHz.
Icc limits applicable when using both banks of FIFOs simultaneously.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C)
3034 tbl 06
3034 tbl 05
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Rating
Commercial
Unit
VTERM
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TA
Operating Temperature
0 to +70
°C
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–55 to +125
°C
IOUT
DC Output Current
50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
3034 tbl 02


Similar Part No. - IDT72811L12PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72811L10PF IDT-IDT72811L10PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811L10PFI IDT-IDT72811L10PFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811L10TF IDT-IDT72811L10TF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811L10TFI IDT-IDT72811L10TFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811L15PF IDT-IDT72811L15PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72811L12PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com