Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72831 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72831
Description  DUAL CMOS SyncFIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72831 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72831 Datasheet HTML 1Page - Integrated Device Technology IDT72831 Datasheet HTML 2Page - Integrated Device Technology IDT72831 Datasheet HTML 3Page - Integrated Device Technology IDT72831 Datasheet HTML 4Page - Integrated Device Technology IDT72831 Datasheet HTML 5Page - Integrated Device Technology IDT72831 Datasheet HTML 6Page - Integrated Device Technology IDT72831 Datasheet HTML 7Page - Integrated Device Technology IDT72831 Datasheet HTML 8Page - Integrated Device Technology IDT72831 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
COMMERCIAL TEMPERATURE RANGE
NOVEMBER 1996
©1996 Integrated Device Technology, Inc
DSC-3034/1
Integrated Device Technology, Inc.
DUAL CMOS SyncFIFO
IDT72801
IDT72811
IDT72821
IDT72831
IDT72841
FEATURES:
• The 72801 is equivalent to two 72201 256 x 9 FIFOs
• The 72811 is equivalent to two 72211 512 x 9 FIFOs
• The 72821 is equivalent to two 72221 1024 x 9 FIFOs
• The 72831 is equivalent to two 72231 2048 x 9 FIFOs
• The 72841 is equivalent to two 72241 4096 x 9 FIFOs
• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
• Ideal for prioritization, bidirectional, and width expansion
applications
• 15 ns read/write cycle time FOR THE 72801/72811
• 20 ns read/write cycle time FOR THE 72821/72831/72841
• Separate control lines and data lines for each FIFO
• Separate empty, full, programmable almost-empty and
almost-full flags for each FIFO
• Enable puts output data lines in high-impedance state
• Space-saving 64-pin Thin Quad Flat Pack (TQFP)
• Industrial temperature range (-40OC to +85OC) is avail-
able, tested to military electrical specifications
DESCRIPTION:
72801/72811/72821/72831/72841 are dual synchronous
(clocked) FIFOs. The device is functionally equivalent to two
72201/72211/72221/72231/72241 FIFOs in a single package
with all associated control, data, and flag lines assigned to
separate pins.
Each of the two FIFOs (designated FIFO A and FIFO B)
contained in the 72801/72811/72821/72831/72841 has a 9-
bit input data port (DA0 - DA8), DB0 - DB8) and a 9-bit output
data port (QA0 - QA8, QB0 - QB8). Each input port is
controlled by a free-running clock(WCLKA, WCLKB), and two
write enable pins (
WENA1, WENA2, WENB1, WENB2). Data
is written into each of the two arrays on every rising clock edge
of the write clock (WCLKA WCLKB) when the appropriate
write enable pins are asserted.
The output port of each FIFO bank is controlled by its
associated clock pin (RCLKA, RCLKB) and two read enable
pins (
RENA1, RENA2, RENB1, RENB2). The read clock can
be tied to the write clock for single clock operation or the two
clocks can run asynchronous of one another for dual clock
operation. An output enable pin (
OEA, OEB) is provided on the
read port of each FIFO for three-state output control .
Each of the two FIFOs has two fixed flags, empty (
EFA, EFB)
and full (
FFA, FFB). Two programmable flags, almost-empty
(
PAEA, PAEB) and almost-full (PAFA, PAFB), are provided for
PIN CONFIGURATION
QA1
QA2
QA3
QA4
QA5
QA6
QA7
QA8
VCC
WENA2/
LDA
WCLKA
WENA1
RSA
DA8
DA7
DA6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
QB0
FFB
EFB
OEB
RENB2
RCLKB
RENB1
GND
VCC
PAEB
PAFB
DB0
DB1
DB2
DB3
DB4
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
PN64-1
3034 drw 01
TQFP,
TOP VIEW
SyncFIFO is a trademark and the IDT logo is a registered trademark of Integrated Device Technology, Inc.
5.15
1
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT72831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72831 IDT-IDT72831 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831 IDT-IDT72831 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72831L10PF IDT-IDT72831L10PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831L10PFI IDT-IDT72831L10PFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831L10TF IDT-IDT72831L10TF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com