Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS62LV12816BLL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part No. IS62LV12816BLL
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

IS62LV12816BLL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IS62LV12816BLL
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Rev. B
03/07/01
1
2
3
4
5
6
7
8
9
10
11
12
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.5
3.45
V
IDR
Data Retention Current
Vcc = 2.0V,
CE • Vcc – 0.2V
5µA
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
ns
DATA RETENTION WAVEFORM (CE Controlled)
VCC
CE
≥ VCC Ð 0.2V
tSDR
tRDR
VDR
CE
GND
2.3V
2.0V
Data Retention Mode
WRITE CYCLE NO. 4 (UB/LB Controlled)
DATA UNDEFINED
t WC
ADDRESS 1
ADDRESS 2
t WC
HIGH-Z
t PBW
WORD 1
LOW
WORD 2
t HD
t SA
t HZWE
ADDRESS
CE
UB, LB
WE
DOUT
DIN
OE
DATAIN
VALID
t LZWE
t SD
t PBW
DATAIN
VALID
t SD
t HD
t SA
t HA
t HA
UB_CSWR4.eps


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn