Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72201 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72201
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72201 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72201 Datasheet HTML 1Page - Integrated Device Technology IDT72201 Datasheet HTML 2Page - Integrated Device Technology IDT72201 Datasheet HTML 3Page - Integrated Device Technology IDT72201 Datasheet HTML 4Page - Integrated Device Technology IDT72201 Datasheet HTML 5Page - Integrated Device Technology IDT72201 Datasheet HTML 6Page - Integrated Device Technology IDT72201 Datasheet HTML 7Page - Integrated Device Technology IDT72201 Datasheet HTML 8Page - Integrated Device Technology IDT72201 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
5.07
3
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal Voltage –0.5 to +7.0
–0.5 to +7.0
V
with Respect to
GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +135
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2655 tbl 02
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = -55°C to +125°C)
IDT72421
IDT72421
IDT72201
IDT72201
IDT72211
IDT72211
Commercial
Military
tCLK = 12, 15, 20, 25,35, 50ns
tCLK = 20, 25,35, 50ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8mA
0.4
0.4
V
ICC
(3)
Active Power Supply Current
80
100
mA
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply Voltage
4.5
5.0
5.5
V
VCCC
Commercial
4.5
5.0
5.5
V
Supply Voltage
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial
VIH
Input High Voltage
2.2
V
Military
VIL
Input Low Voltage
0.8
V
Commercial & Military
2655 tbl 03
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN
(2)
Input Capacitance
VIN = 0V
10
pF
COUT
(1,2)
Output Capacitance
VOUT = 0V
10
pF
NOTES:
1. With output deselected (
OE = HIGH).
2. Characterized values, not currently tested.
2655 tbl 04
2655 tbl 05
2655 tbl 06
IDT72221
IDT72221
IDT72231
IDT72231
IDT72241
IDT72241
Commercial
Military
tCLK = 15, 20, 25, 35, 50ns
tCLK = 25, 35, 50ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8mA
0.4
0.4
V
ICC1
(4)
Active Power Supply Current
80
100
mA
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3 & 4.
Measurements are made with outputs unloaded. Tested at fCLK = 20MHz.
(3) Typical ICC1 = 30 + (fCLK*0.5/MHz) + (fCLK*CL*0.02/MHz-pF) mA
(4) Typical ICC1 = 32 + (fCLK*0.6/MHz) + (fCLK*CL*0.02/MHz-pF) mA
fCLK = 1/tCLK.
CL = external capacitive load (30pF typical)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn