Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6128-01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. FS6128-01
Description  PLL Clock Generator IC with VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

FS6128-01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
6
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
5.0
Package Information
Table 7: 8-pin SOIC (0.150") Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.189
0.196
4.80
4.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Θ
0
°
8
°
0
°
8
°
B
D
A
1
SEATING
PLANE
H
E
8
1
ALL RADII:
0.005" TO 0.01"
BASE
PLANE
A
2
e
AMERICAN MICROSYSTEMS, INC.
A
R
C
L
θ
7° typ.
h x 45°
Table 8: 8-pin SOIC (0.150") Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
8-pin 0.150” SOIC
Θ
JA
Air flow = 0 m/s
110
°C/W
Corner lead
2.0
Lead Inductance, Self
L11
Center lead
1.6
nH
Lead Inductance, Mutual
L12
Any lead to any adjacent lead
0.4
nH
Lead Capacitance, Bulk
C11
Any lead to VSS
0.27
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn