Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6128-01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. FS6128-01
Description  PLL Clock Generator IC with VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

FS6128-01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
5
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 6: AC Timing Specifications
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σfrom typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
VCXO Stabilization Time *
tVCXOSTB
From power valid
10
ms
PLL Stabilization Time *
tPLLSTB
From VCXO stable
500
us
Synthesis Error
(unless otherwise noted in Frequency Table)
0
ppm
Clock Output (CLK)
Duty Cycle *
Ratio of high pulse width (as measured from rising
edge to next falling edge at VDD/2) to one clock period
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to next rising edge at VDD/2,
CL = 10pF
390
ps
Jitter, Long Term (
σ
y(
τ)) *
tj(LT)
From 0-500
µs at V
DD/2, CL = 10pF
compared to ideal clock source
155
ps
Rise Time *
tr
VDD = 3.3V; VO = 0.3V to 3.0V; CL = 10pF
1.7
ns
Fall Time *
tf
VDD = 3.3V; VO = 3.0V to 0.3V; CL = 10pF
1.7
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn