Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6128-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. FS6128-01
Description  PLL Clock Generator IC with VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

FS6128-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
4
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 5: DC Electrical Specifications
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σfrom typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with Loaded
Outputs
IDD
fXTAL = 13.5MHz; CL = 10pF, VDD = 3.6V
30
mA
Supply Current, Static
IDD
XIN = 0V, VDD = 3.6V
3
mA
Voltage Controlled Crystal Oscillator
Crystal Loading Capacitance
CL(xtal)
As seen by a crystal connected to XIN and
XOUT (@ VXTUNE = 1V)
20
pF
Crystal Resonator Motional Capacitance
C1(xtal)
AT cut
25
fF
VCXO Tuning Range
fXTAL = 13.5MHz; CL(xtal) = 20pF; C1(xtal) = 25fF
300
ppm
VCXO Tuning Characteristic
Note: positive change of XTUNE =
positive change of VCXO frequency
150
ppm/V
Crystal Drive Level
RXTAL=20
Ω; C
L = 20pF
200
uW
Clock Output (CLK)
High-Level Output Source Current *
IOH
VO = 2.0V
-40
mA
Low-Level Output Sink Current *
IOL
VO = 0.4V
17
mA
zOH
VO = 0.1VDD; output driving high
25
Output Impedance *
zOL
VO = 0.1VDD; output driving low
25
Short Circuit Source Current *
IOSH
VO = 0V; shorted for 30s, max.
-55
mA
Short Circuit Sink Current *
IOSL
VO = 3.3V; shorted for 30s, max.
55
mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn