Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBI4B7M1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBI4B7M1
Description  4 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FBI4B7M1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBI4B7M1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI4B7M1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Number of cycles at 50 Hz.
10
100
0
50
100
150
200
1
V
F
, instantaneous forward voltage (V)
0.6
1.0
1.4
0
0.1
1.0
10
Tamb = 25° C
Characteristic Curves
FBI4 - 7M1
TYPICAL FORWARD CHARACTERISTIC
1
3
4
Tamb, ambient temperature (°C)
2
0
50
100
150 175
0
125
25
75
FORWARD CURRENT DERATING CURVE
heatsink
Tc
Tc
sine wave
R-load
on heatsink
+
_
on glass-epoxi substrate
P.C.B.
soldering land 5 mm ø
sine wave
R-load
free in air
Jan - 00
+
_


Similar Part No. - FBI4B7M1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI4B5M1 ETC1-FBI4B5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
More results

Similar Description - FBI4B7M1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
logo
Fuji Electric
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
   4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FB5000 ETC1-FB5000 Datasheet
27Kb / 2P
   50 Amp. Glass Passivated Bridge Rectifier
FB3500 ETC1-FB3500 Datasheet
35Kb / 2P
   35 Amp. Glass Passivated Bridge Rectifier
FB1000 ETC1-FB1000 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com