Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY8C9520 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part No. CY8C9520
Description  20-, 40-, and 60-Bit I/O Expander with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY8C9520 Datasheet HTML 17Page - Cypress Semiconductor CY8C9520 Datasheet HTML 18Page - Cypress Semiconductor CY8C9520 Datasheet HTML 19Page - Cypress Semiconductor CY8C9520 Datasheet HTML 20Page - Cypress Semiconductor CY8C9520 Datasheet HTML 21Page - Cypress Semiconductor CY8C9520 Datasheet HTML 22Page - Cypress Semiconductor CY8C9520 Datasheet HTML 23Page - Cypress Semiconductor CY8C9520 Datasheet HTML 24Page - Cypress Semiconductor CY8C9520 Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
August 17, 2005
Document No. 38-12036 Rev. *A
24
6.
Ordering Information
The following table lists the CY8C95xx device’s key package features and ordering codes. A definition of the ordering number code
is presented below.
6.1
Ordering Code Definitions
Table 6-1. CY8C95xx Device Key Features and Ordering Information
28 Pin (210 Mil) SSOP
CY8C9520-24PVXI
3K
-40C to +85C
4
20
28 Pin (210 Mil) SSOP (Tape and Reel)
CY8C9520-24PVXIT
3K
-40C to +85C
4
20
48 Pin (300 Mil) SSOP
CY8C9540-24PVXI
11K
-40C to +85C
8
40
48 Pin (300 Mil) SSOP (Tape and Reel)
CY8C9540-24PVXIT
11K
-40C to +85C
8
40
100 Pin TQFP
CY8C9560-24AXI
27K
-40C to +85C
16
60
100 Pin TQFP (Tape and Reel)
CY8C9560-24AXIT
27K
-40C to +85C
16
60
CY 8 C 9 xxx-SPxx
Package Type:
Thermal Rating:
PX = PDIP Pb-Free
C = Commercial
SX = SOIC Pb-Free
I = Industrial
PVX = SSOP Pb-Free
E = Extended
LFX = MLF Pb-Free
AX = TQFP Pb-Free
Speed: 24 MHz
Part Number
Family Code
Technology Code: C = CMOS
Marketing Code: 8 = Cypress MicroSystems
Company ID: CY = Cypress


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn