Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
2SC2525 Datasheet(PDF) 1 Page - Fujitsu Component Limited.
Part No.
2SC2525
Description
Silicon
High
Speed
Power
Transistor
Download
2 Pages
Scroll/Zoom
100%
Maker
FUJITSU [Fujitsu Component Limited.]
Homepage
http://edevice.fujitsu.com/fmd/en/index.html
Logo
2SC2525 Datasheet(HTML) 1 Page - Fujitsu Component Limited.
zoom in
zoom out
1
/ 2 page
Html Pages
1
2
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
MSD42SWT1
NPN
Silicon
General
Purpose
High
Voltage
Transistor
1
2
ON Semiconductor
ZXTDCM832
MPPS
Miniature
Package
Power
Solutions
DUAL
50V
NPN
SILICON
LOW
SATURATION
SWITCHING
TRANSISTOR
1
2
3
4
5
More
Zetex Semiconductors
NST489AMT1
High
Current
Surface
Mount
NPN
Silicon
Low
VCE
sat
Switching
Transistor
for
Load
Management
in
Portable
Applications
1
2
3
4
ON Semiconductor
NCP1231
Low−Standby
Power
High
Performance
PWM
Controller
1
2
3
4
5
More
ON Semiconductor
NTLJD2105L
POWER
MOSFET
8
V
4.3
A
uCool
High
Side
Load
Switch
with
Level
Shift
2x2
mm
WDFN
Package
1
2
3
4
5
More
ON Semiconductor
EMF5XV6T5
Power
Management
Dual
Transistors
NPN
Silicon
Surface
Mount
Transistors
with
Monolithic
Bias
Resistor
Network
1
2
3
4
5
More
ON Semiconductor
EMF18XV6T5
Dual
Transistor
−
Power
Management
NPN/PNP
Dual
Complimentary
1
2
3
4
5
ON Semiconductor
NUP4202W1
Low
Capacitance
SC−88
Diode−TVS
Array
for
High
Speed
Data
Lines
Protection
1
2
3
4
5
More
ON Semiconductor
PI1748DG-22H
HIGH
POWER
DROP-IN
ISOLATOR
1
PREMIER DEVICES, INC.
MRF6V2010N
RF
Power
Field
Effect
Transistor
1
2
3
4
5
More
Freescale Semiconductor, Inc
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn