Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMBJ12AON Datasheet(PDF) 1 Page - ON Semiconductor

Part No. SMBJ12AON
Description  600 Watt Peak Power Zener Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

SMBJ12AON Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 0
1
Publication Order Number:
SMBJ12AON/D
SMBJ12AON
600 Watt Peak Power Zener
Transient Voltage
Suppressor
Unidirectional*
The SMBJ12AON is designed to protect voltage sensitive
components from high voltage, high energy transients. This device has
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMBJ12AON is ideally suited
for use in computer hard disk drives, communication systems,
automotive, numerical controls, process controls, medical equipment,
bus ines s machines , power s upplies , and many other
industrial/consumer applications.
Specification Features:
Working Peak Reverse Voltage Range − 12 V
Peak Power − 600 Watts @ 1 ms at Maximum Clamp Voltage @
Peak Pulse Current
ESD Rating of Class 3 (>16 KV) per Human Body Model
ESD Rating IEC 61000 −4.2 Level 4
Low Leakage < 5 mA at 12 V
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1 ns
Pb−Free Package is Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily Solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Modified L−Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
ABSOLUTE MAXIMUM RATINGS
Please See the Table on the Following Page
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSOR
600 WATT PEAK POWER
Device {
Package
Shipping
ORDERING INFORMATION
SMBJ12AONT3
SMB
2500/Tape & Reel
SMB
CASE 403A
PLASTIC
Cathode
Anode
Y
= Year
WW
= Work Week
LEM
= Specific Device Code
YWW
LEM
MARKING DIAGRAM
†The “T3” suffix refers to a 13 inch reel.
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SMBJ12AONT3G
SMB
(Pb−Free)
2500/Tape & Reel


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn