Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE200B Datasheet(PDF) 1 Page - ON Semiconductor

Part No. P6KE200B
Description  600 Watt Peak Power Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

P6KE200B Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 -- Rev. 1
1
Publication Order Number:
P6KE200B/D
P6KE200B
600 Watt Peak Power
Transient Voltage
Suppressors
Unidirectional
The P6KE200B is designed to protect voltage sensitive components
from high voltage, high energy transients. They have excellent
clamping capability, high surge capability, low Zener impedance and
fast response time. These devices are ON Semiconductor’s exclusive,
cost-effective, highly reliable SURMETICt axial leaded package and
is ideally-suited for use in communication systems, numerical
controls, process controls, medical equipment, business machines,
power supplies and many other industrial/consumer applications.
Features
Working Peak Reverse Voltage Range -- 171 V
Peak Power -- 600 W @ 1.0 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5.0 mA above 171 V
Maximum Temperature Coefficient Specified
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1.0 ns
These are Pb--Free Devices*
Mechanical Characteristics:
CASE:
Void-Free, Transfer-Molded, Thermosetting Plastic
FINISH:
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING:
230_C, 1/16″ from the Case for 10 Seconds
POLARITY:
Cathode Indicated by Polarity Band
MOUNTING POSITION:
Any
*For additional information on our Pb--Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
P6KE200B
Axial Lead**
1000 Units/Box
P6KE200BRL
Axial Lead** 5000 / Tape & Reel
AXIAL LEAD
CASE 59AA
A
= Assembly Location
P6KE200B = Device Code
YY
= Year
WW
= Work Week
G
= Pb--Free Package
YYWW G
G
(Note: Microdot may be in either location)
MARKING DIAGRAM
P6KE200BRLG Axial Lead** 5000 / Tape & Reel
P6KE200BG
Axial Lead**
1000 Units/Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Cathode
Anode
http://onsemi.com
**These packages are inherently PB--Free.
A
P6KE
200B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn