Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUS5530MN Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NUS5530MN
Description  Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUS5530MN Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NUS5530MN
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS FOR P−CHANNEL FET
125°C
−2.5 V
0
20
2.5
16
12
3
1.5
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
8
4
0
0.5
Figure 1. On−Region Characteristics
0
20
16
1.5
12
12
8
4
0.5
0
2.5
3
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0
0.05
24
0.15
0.1
0
5
Figure 3. On−Resistance versus
Gate−to−Source Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
218
20
14
10
0.15
0.1
6
0.05
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = −1.5 V
0.2
13
TJ = −55°C
ID = −3.9 A
TJ = 25°C
0.2
0
75
150
TJ = 25°C
VGS = 2.5 V
ID = −3.9 A
VGS = −4.5 V
2
−2 V
−3 V
−3.5 V
−5 V
−4.5 V
−4 V
25°C
1.6
VGS = 3.6 V
VGS = 4.5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn