Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUS1204MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUS1204MN
Description  Overvoltage Protection IC with Integrated MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUS1204MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 1
Publication Order Number:
NUS1204MN/D
NUS1204MN
Overvoltage Protection IC
with Integrated MOSFET
This device represents a new level of safety and integration by
combining the NCP304 overvoltage protection circuit (OVP) with a
−12 V P−Channel power MOSFET. It is specifically designed to
protect sensitive electronic circuitry from overvoltage transients and
power supply faults. During such hazardous events, the IC quickly
disconnects the input supply from the load, thus protecting the load
before any damage can occur.
The OVP IC is optimized for applications using an external AC−DC
adapter or a car accessory charger to power a portable product or
recharge its internal batteries. It has a nominal overvoltage threshold
of 4.725 V which makes it ideal for single cell Li−Ion as well as 3/4
cell NiCD/NiMH applications.
Features
OvervoltageTurn−Off Time of Less Than 20 ms
Accurate Voltage Threshold of 4.725 V, Nominal
High Accuracy Undervoltage Threshold of 2.0%
−12 V Integrated P−Channel Power MOSFET
Low RDS(on) = 75 mW @ −4.725 V
Low Profile 2.0 x 2.0 mm WDFN Package Suitable for Portable
Applications
Maximum Solder Reflow Temperature @ 260°C
This device is manufactured with a Pb−Free external lead finish only.
Benefits
Provide Battery Protection
Integrated Solution Offers Cost and Space Savings
Integrated Solution Improves System Reliability
Applications
Portable Computers and PDAs
Cell Phones and Handheld Products
Digital Cameras
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NUS1204MNT1G
WDFN6
(Pb−Free)
3000 Tape & Reel
PIN CONNECTIONS
U2
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
U2 M
G
1
2
3
6
5
4
WDFN6
CASE 506AN
MARKING
DIAGRAM
1
2
3
6
5
4
GATE
OUT
GND
DRAIN
SOURCE
IN
(Top View)
1
7
8


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn