Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP8100DT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUP8100DT1G
Description  Low Capacitance Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP8100DT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NUP8100DT1G Datasheet HTML 1Page - ON Semiconductor NUP8100DT1G Datasheet HTML 2Page - ON Semiconductor NUP8100DT1G Datasheet HTML 3Page - ON Semiconductor NUP8100DT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUP8100D
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TA= 25°C unless otherwise specified)
Figure 1. 8 × 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
4060
80
t, TIME (ms)
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 ms
HALF VALUE IRSM/2 @ 20 ms
tP
PEAK VALUE IRSM @ 8 ms


Similar Part No. - NUP8100DT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP8010MN ONSEMI-NUP8010MN Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
March, 2006 ??Rev. 1
NUP8010MNT1G ONSEMI-NUP8010MNT1G Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
March, 2006 ??Rev. 1
NUP8010MNT1G ONSEMI-NUP8010MNT1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUP8011MU ONSEMI-NUP8011MU Datasheet
73Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2007 - Rev. 0
NUP8011MU ONSEMI-NUP8011MU Datasheet
92Kb / 5P
   Transient Voltage Suppressors
February, 2017 ??Rev. 3
More results

Similar Description - NUP8100DT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP8011MU ONSEMI-NUP8011MU Datasheet
73Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2007 - Rev. 0
NUP8028MN ONSEMI-NUP8028MN Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2006 ??Rev. 0
NUP8010MN ONSEMI-NUP8010MN Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
March, 2006 ??Rev. 1
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com