Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP4304MR6 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUP4304MR6
Description  Low Capacitance Diode Array for ESD Protection in Four Data Lines
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4304MR6 Datasheet(HTML) 3 Page - ON Semiconductor

  NUP4304MR6 Datasheet HTML 1Page - ON Semiconductor NUP4304MR6 Datasheet HTML 2Page - ON Semiconductor NUP4304MR6 Datasheet HTML 3Page - ON Semiconductor NUP4304MR6 Datasheet HTML 4Page - ON Semiconductor NUP4304MR6 Datasheet HTML 5Page - ON Semiconductor NUP4304MR6 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NUP4304MR6
http://onsemi.com
3
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
TA = −40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
Curves Applicable to Each Cathode


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn