Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP4202W1 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUP4202W1
Description  Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUP4202W1 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NUP4202W1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT = 1 mA, (Note 3)
6.0
V
Reverse Leakage Current
IR
VRWM = 5 V
5.0
mA
Clamping Voltage
VC
IPP = 5 A (Note 4)
8.5
12.5
V
Clamping Voltage
VC
IPP = 8 A (Note 4)
8.9
20
V
Maximum Peak Pulse Current
IPP
8x20
ms Waveform
28
A
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
3.0
5.0
pF
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins
1.5
3.0
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Nonrepetitive current pulse per Figure 1 (Pin 5 to Pin 2)
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
Figure 1. Pulse Derating Curve
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Junction Capacitance vs Reverse Voltage
5.0
2.5
0.0
01
VBR, REVERSE VOLTAGE (V)
23
4
5
I/O lines
I/O−Ground
4.5
2.0
4.0
1.5
3.5
1.0
3.0
0.5
Figure 4. Clamping Voltage vs. Peak Pulse Current
(8 x 20
ms Waveform)
20
10
0
010
PEAK PULSE CURRENT (A)
20
30
40
50
18
8
16
6
14
4
12
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn