Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4202W1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP4202W1
Description  Low Capacitance SC??8 Diode?뭈VS Array for High Speed Data Lines Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4202W1 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP4202W1 Datasheet HTML 1Page - ON Semiconductor NUP4202W1 Datasheet HTML 2Page - ON Semiconductor NUP4202W1 Datasheet HTML 3Page - ON Semiconductor NUP4202W1 Datasheet HTML 4Page - ON Semiconductor NUP4202W1 Datasheet HTML 5Page - ON Semiconductor NUP4202W1 Datasheet HTML 6Page - ON Semiconductor NUP4202W1 Datasheet HTML 7Page - ON Semiconductor NUP4202W1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NUP4202W1/D
NUP4202W1
Low Capacitance SC−88
Diode−TVS Array for High
Speed Data Lines
Protection
The NUP4202W1 transient voltage suppressor is designed to
protect high speed data lines from ESD, EFT, and lightning.
Features:
Low Capacitance (3 pF Maximum Between I/O Lines)
ESD Rating of Class 3B (Exceeding 8 kV) per Human Body model
and Class C (Exceeding 400 V) per Machine Model
Protection for the Following IEC Standards:
IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000−4−4 (EFT) 40 A (5/50 ns)
IEC 61000−4−5 (Lightning) 23 A (8/20
ms)
UL Flammability Rating of 94 V−0
This is a Pb−Free Device
Typical Applications:
High Speed Communication Line Protection
USB 1.1 and 2.0 Power and Data Line Protection
Digital Video Interface (DVI) and HDMI
Monitors and Flat Panel Displays
MP3
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Power Dissipation
8 x 20
mS @ TA = 25°C (Note 1)
Ppk
500
W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Air (ESD)
IEC 61000−4−2 Contact (ESD)
ESD
16000
400
20000
20000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Nonrepetitive current pulse per Figure 1 (Pin 5 to Pin 2)
SC−88 LOW CAPACITANCE
DIODE TVS ARRAY
500 WATTS PEAK POWER
6 VOLTS
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
SC−88
CASE 419B
PLASTIC
PIN CONFIGURATION
AND SCHEMATIC
6 I/O
5 VP
4 I/O
I/O 1
VN 2
I/O 3
http://onsemi.com
NUP4202W1T2G
SC−88
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
63 M
G
G
63 = Specific Device Code
M = Date Code
G = Pb−Free Package
(Note: Microdot may be in either location)
1
6


Similar Part No. - NUP4202W1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4202W1 ONSEMI-NUP4202W1 Datasheet
179Kb / 9P
   Transient Voltage Suppressors
September, 2009 ??Rev. 3
NUP4202W1T2G ONSEMI-NUP4202W1T2G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUP4202W1T2G ONSEMI-NUP4202W1T2G Datasheet
179Kb / 9P
   Transient Voltage Suppressors
September, 2009 ??Rev. 3
NUP4202W1 ONSEMI-NUP4202W1_09 Datasheet
179Kb / 9P
   Transient Voltage Suppressors
September, 2009 ??Rev. 3
More results

Similar Description - NUP4202W1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2201MR6 ONSEMI-NUP2201MR6_06 Datasheet
74Kb / 6P
   Low Capacitance TSOP?? Diode?뭈VS Array for High Speed Data Lines Protection
January, 2006 ??Rev. 2
NUP2202W1 ONSEMI-NUP2202W1 Datasheet
74Kb / 6P
   Low Capacitance SC-88 Diode-TVS Array for HIGH Speed Data Lines Protection
January, 2006 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
NUP4201MR6 ONSEMI-NUP4201MR6 Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
logo
Sanyo Semicon Device
VS912SL SANYO-VS912SL Datasheet
309Kb / 4P
   Low Capacitance TVS Diode Array Protection Device of High-speed Data Lines
logo
ON Semiconductor
NUP4301MR6T1 ONSEMI-NUP4301MR6T1_05 Datasheet
57Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
September, 2005 ??Rev. 3
SZNUP2301MW6T1G ONSEMI-SZNUP2301MW6T1G Datasheet
134Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
February, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com