Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP4060AXV6 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUP4060AXV6
Description  4−Line Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4060AXV6 Datasheet(HTML) 3 Page - ON Semiconductor

  NUP4060AXV6 Datasheet HTML 1Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 2Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 3Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUP4060AXV6
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
(Diode D1, D2, and D3 only)
Figure 1. Pulse Width
100
10
1
1
10
100
1000
t, TIME (
ms)
Figure 2. Power Derating Curve
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
90
80
70
60
50
40
30
20
10
0
100
110
Figure 3. Reverse Leakage versus
Temperature
0.16
0.02
0
−60
0
80
100
T, TEMPERATURE (
°C)
−40
−20
60
40
20
0.04
0.06
0.08
0.10
0.12
0.14
Figure 4. Capacitance
14
12
10
8
6
4
2
0
01
2
3
6
BIAS VOLTAGE (V)
TA = 25°C
45
VF, FORWARD VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.01
0.001
1
TA = 25°C
Figure 5. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
4060
80
t, TIME (
ms)
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
HALF VALUE IRSM/2 @ 20 ms
tP
PEAK VALUE IRSM @ 8 ms
Figure 6. Forward Voltage


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn