Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4060AXV6 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUP4060AXV6
Description  4?묹ine Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4060AXV6 Datasheet(HTML) 2 Page - ON Semiconductor

  NUP4060AXV6 Datasheet HTML 1Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 2Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 3Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP4060AXV6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reverse Working Voltage (D1, D2, and D3)
(Note 2)
VRWM
5.0
V
Breakdown Voltage (D1, D2, and D3)
IT = 1 mA, (Note 3)
VBR
6.2
6.8
7.2
V
Breakdown Voltage (VCC)
IT = 5 mA, (Note 3)
VBR2
15.3
16
17.1
V
Reverse Leakage Current (D1, D2, and D3)
VRWM = 3 V
IR
0.01
0.5
mA
Reverse Leakage Current (VCC)
VBR = 11 V
IR
0.05
mA
Capacitance (D1, D2, and D3)
VR = 3 V, f = 1 MHz (Line to GND)
CJ
7
10
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.


Similar Part No. - NUP4060AXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4060AXV6T1G ONSEMI-NUP4060AXV6T1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results

Similar Description - NUP4060AXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C_05 Datasheet
124Kb / 6P
   5?묹ine Transient Voltage Suppressor Array
August, 2005 ??Rev. 2
NUP5120X6 ONSEMI-NUP5120X6 Datasheet
53Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
December, 2006 ??Rev. 4
NUP8020X6 ONSEMI-NUP8020X6_07 Datasheet
45Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
February, 2007 ??Rev. 0
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
Bruckewell Technology L...
ESMF05 BWTECH-ESMF05 Datasheet
491Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05 Datasheet
326Kb / 3P
   4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
NUP4104X6 ONSEMI-NUP4104X6 Datasheet
39Kb / 4P
   4-Line Transient Voltage Suppressor Array
February, 2004 ??Rev. 2
SM05T1 ONSEMI-SM05T1 Datasheet
56Kb / 6P
   Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com