Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP4060AXV6 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUP4060AXV6
Description  4−Line Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4060AXV6 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP4060AXV6 Datasheet HTML 1Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 2Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 3Page - ON Semiconductor NUP4060AXV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 1
1
Publication Order Number:
NUP4060/D
NUP4060AXV6
4−Line Transient Voltage
Suppressor Array
This 4−line voltage transient suppressor array is designed for
application requiring transient voltage protection capability. It is
intended for use in over−transient voltage and ESD sensitive
equipment such as cell phones, portables, computers, printers and
other applications. This device features a common cathode design
which protects four independent lines in a single SOT−563 package.
Features
Protects up to 4 Lines in a Single SOT−563 Package
ESD Rating: IEC61000−4−2: Level 4
Contact (8 kV), Air (15 kV)
VCC Pin = 16 V Protection
D1, D2, and D3 Pins = 6.8 V Protection
Low Capacitance (< 7 pF @ 3 V) for D1, D2, and D3
This is a Pb−Free Device
Applications
Hand Held Portable Applications
USB Interface
Notebooks, Desktops, Servers
SIM Card Protection
MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
Symbol
Rating
Value
Unit
PPK 1
Peak Power Dissipation
VCC Diode
8x20
msec double exponential waveform,
(Note 1)
D1, D2, and D3
200
20
W
W
TJ
Operating Junction Temperature Range
−40 to 125
°C
TSTG
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature – Maximum
(10 seconds)
260
°C
ESD
IEC 61000−4−2 Air
IEC 61000−4−2 Contact
15000
8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Nonrepetitive current pulse per Figure 1.
SOT−563
CASE 463A
STYLE 6
MT = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUP4060AXV6T1G SOT−563
(Pb−Free)
4000/Tape & Reel
1
2
3
6
5
4
PIN ASSIGNMENT
SOT−563 4−LINE TRANSIENT
VOLTAGE SUPPRESSOR
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
6
MT M
G
G
1
D1
D2
GND
GND
D3
VCC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn