Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP1301ML3T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUP1301ML3T1
Description  Low Capacitance Diode Array for ESD Protection in a Single Data Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP1301ML3T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NUP1301ML3T1 Datasheet HTML 1Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 2Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 3Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP1301ML3T1
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance Junction−to−Ambient
RqJA
625
°C/W
Lead Solder Temperature
Maximum 10 Seconds Duration
TL
260
°C
Junction Temperature
TJ
−65 to 150
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 mA)
V(BR)
70
Vdc
Reverse Voltage Leakage Current
(VR = 70 Vdc)
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc, TJ = 150°C)
IR
2.5
30
50
mAdc
Diode Capacitance (between I/O and ground)
(VR = 0, f = 1.0 MHz)
CD
0.9
pF
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mVdc
2. FR−5 = 1.0
 0.75  0.062 in.
3. Alumina = 0.4
 0.3  0.024 in, 99.5% alumina.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn