Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF8401MN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUF8401MN
Description  Low Capacitance 8 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF8401MN Datasheet(HTML) 4 Page - ON Semiconductor

  NUF8401MN Datasheet HTML 1Page - ON Semiconductor NUF8401MN Datasheet HTML 2Page - ON Semiconductor NUF8401MN Datasheet HTML 3Page - ON Semiconductor NUF8401MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NUF8401MN
http://onsemi.com
4
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION b APPLIES TO TERMINAL AND
IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
4.00 BSC
D2
3.10
3.30
E
1.60 BSC
E2
0.30
0.50
e
0.50 BSC
K
0.20
−−−
L
0.20
0.40
0.15 C
D
E
B
A
2X
2X
16X
A
A1
(A3)
0.15 C
PIN ONE
REFERENCE
0.08 C
0.10 C
C
SEATING
PLANE
D2
E2
BOTTOM VIEW
b
e
16X
0.10
B
0.05
A
C
C
L
16X
K
16X
SIDE VIEW
TOP VIEW
NOTE 3
18
9
16
2X
0.25 x 0.40 mm
TEST PAD SIZE
(A3)
DFN16
CASE 506AC−01
ISSUE B
0.50
4.10
0.50 PITCH
14X
mm
inches
SCALE 16:1
1.91
0.51
16X
0.28
16X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NUF8401MN/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NUF8401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8401MN ONSEMI-NUF8401MN Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF8401MN ONSEMI-NUF8401MN Datasheet
124Kb / 6P
   8-Channel EMI Filter
September, 2013 ??Rev. 6
NUF8401MNT4G ONSEMI-NUF8401MNT4G Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF8401MNT4G ONSEMI-NUF8401MNT4G Datasheet
124Kb / 6P
   8-Channel EMI Filter
September, 2013 ??Rev. 6
NUF8401MN ONSEMI-NUF8401MN_09 Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
More results

Similar Description - NUF8401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8410MN ONSEMI-NUF8410MN Datasheet
60Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
NUF9005MN ONSEMI-NUF9005MN Datasheet
62Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
November, 2006 ??Rev. 0
logo
STMicroelectronics
EMIF08-VID01F2 STMICROELECTRONICS-EMIF08-VID01F2 Datasheet
494Kb / 6P
   8 line low capacitance EMI filter and ESD protection
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2_06 Datasheet
230Kb / 6P
   8 line low capacitance EMI filter and ESD protection
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2 Datasheet
492Kb / 6P
   8 line low capacitance EMI filter and ESD protection
logo
ON Semiconductor
NUF9002FC ONSEMI-NUF9002FC Datasheet
128Kb / 4P
   Low Capacitance 10 Line EMI Filter with ESD Protection
March, 2006 ??Rev. 1
NUF6406MN ONSEMI-NUF6406MN Datasheet
53Kb / 4P
   Low Capacitance 6 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 2
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com