Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF6402MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF6402MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF6402MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 1
1
Publication Order Number:
NUF6402MN/D
NUF6402MN
4 Line EMI Filter with ESD
Protection
This device is a 4 line EMI filter array for wireless applications.
Greater than −30 dB attenuation is obtained at frequencies from
800 MHz to 3.0 GHz. It also offers ESD protection clamping transients
from static discharges. ESD protection is provided across all capacitors.
Features
EMI Filtering and ESD Protection
Integration of 28 Discrete Components
DFN Package, 1.35 x 3.0 mm
Moisture Sensitivity Level 1
ESD Ratings: IEC61000−4−2 (Level 4)
Machine Model = C
Human Body Model = 3B
This is a Pb−Free Device*
Benefits
Reduces EMI/RFI Emissions on a Data Line
Integrated Solution Offers Cost and Space Savings in a DFN Package
Excellent S21 Characteristics with very Low Parasitic Inductances
Integrated Solution Improves System Reliability
Compatible Footprint to BGA or Flip−Chip Package
Applications
EMI Filtering and ESD Protection for Data Lines
Wireless Phones
PDAs and Handheld Products
Digital Camera
LCD Displays
4
3
2
1
(Bottom View)
9
10
11
12
8
7
6
5
GND
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1
64
02
M
G
G
DFN12
CASE 506AD
Device
Package
Shipping
ORDERING INFORMATION
NUF6402MNT1G
DFN12
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
1
(Top View)
12
2
Cd
Cd
11
3
Cd
Cd
10
4
Cd
Cd
9
5
Cd
Cd
8
6
7
1
12
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
6402= Specific Device Code
M
= Month
G
= Pb−Free Package
(Note: Microdot may be in either location)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn